Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS600 Fiches technique(PDF) 21 Page - Tyco Electronics

No de pièce TS600
Description  PolySwitch Resettable Devices Telecommunications & Networking Devices
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

TS600 Fiches technique(HTML) 21 Page - Tyco Electronics

Back Button TS600 Datasheet HTML 14Page - Tyco Electronics TS600 Datasheet HTML 15Page - Tyco Electronics TS600 Datasheet HTML 16Page - Tyco Electronics TS600 Datasheet HTML 17Page - Tyco Electronics TS600 Datasheet HTML 18Page - Tyco Electronics TS600 Datasheet HTML 19Page - Tyco Electronics TS600 Datasheet HTML 20Page - Tyco Electronics TS600 Datasheet HTML 21Page - Tyco Electronics TS600 Datasheet HTML 22Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
207
RoHS Compliant, ELV Compliant
10
Resistance-sorted and Resistance-matched Devices
Resistance-sorted devices (part number suffix “Rx”, where x = 1, 2, A, B, C, F etc.) are supplied with resistance values that are within
specified segments of the device’s full range of resistance.
Feature
• Narrow resistance range.
Benefits
• Greater flexibility for design engineers.
• Lower resistance devices can allow for increased loop length on line card designs.
• Higher resistance devices may provide greater protection by offering faster time-to-trip.
Resistance-sorted Devices
Most TCF, TRF and TS devices are available in resistance-sorted and/or resistance-matched versions.
Resistance-matched devices are supplied such that all parts in one particular package (or reel) are within 0.5
Ω of each other
(1.0
Ω for TRF250-080T devices). Individual matched packages are supplied from the full resistance range of the specified device.
Feature
• Tighter resistance balance between any two parts in a package.
Benefits
• Resistance-matched devices may reduce the tip-ring resistance differential, reducing the possibility of line imbalance.
Resistance-matched Devices
Part Numbering System for Radial-leaded Telecommunications and Networking Devices
TRF*250 -120 T -RA -B-0.5 -2
Packaging
2
= Tape and Reel
0.130 = special lead length in inches
(Blank) = Bulk
B-x.x = Resistance matched in bins of x.x
Ω (optional)
Rx = Resistance range (optional)
Modifier (optional)
U = Uncoated
S = Straight lead
T = Fast Trip device
Hold Current (mA)
Product Series (TRF250, TRF600)
* F = RoHS compliant, ELV compliant
Part Numbering System for Surface-mount Telecommunications and Networking Devices
TSx -200 F -RA -B-0.5 -2
Packaging
2
= Tape and Reel
(Blank) = Bulk
B-x.x = Resistance matched in bins of x.x
Ω (optional)
Rx = Resistance range (optional)
F = RoHS Compliant, ELV Compliant
Hold Current (mA)
Product Series (TS250, TSV250, TSL250, TS600, TSM600)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22