| Moteur de recherche de fiches techniques de composants électroniques |
|
RUSBF135 Fiches technique(PDF) 11 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
RUSBF135 Fiches technique(HTML) 11 Page - Tyco Electronics |
|
11 / 18 page ![]() TELECOM AND BROADBAND PRODUCTS 8 TS600 Figure 7 Figure 8 BBR Figure 9 A B D C Lead size Ø 0.81 (0.032) 20 AWG C E G D F D A B E New New New New New New New New Part IH IT V max. Operating V max. Interrupt I max. R min. R max. R1 max. Agency number (A) (A) (Vdc) (Vrms) (A) ( Ω)(Ω)(Ω) recognition Fig. TS600-170 0.170 0.400 60 600 3.0 4.0 9.0 18.0 UL, CSA 7 TS600-200-RA-B-0.5 0.200 0.400 60 600 3.0 4.0 7.5 13.5 UL, CSA 7 TS600-170F* 0.170 0.400 60 600 3.0 4.0 9.0 18.0 UL, CSA 7 TS600-200F-RA-B-0.5* 0.200 0.400 60 600 3.0 4.0 7.5 13.5 UL, CSA 7 TSM600-250 0.250 0.860 250 600 3.0 1.0 3.5 (typ.) 7.0 UL, CSA 8 TSM600-250-RA 0.250 0.860 250 600 3.0 1.0 3.0 (typ.) 5.0 UL, CSA 8 TSM600-250F* 0.250 0.860 250 600 3.0 1.0 3.5 (typ.) 7.0 UL, CSA 8 TSM600-250F-RA* 0.250 0.860 250 600 3.0 1.0 3.0 (typ.) 5.0 UL, CSA 8 These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for application details. * These parts are the RoHS compliant versions; they should be used for new designs. Dimensions (millimeters/ inches) Part ABC number (max.) (max.) (max.) Fig. TS600-170 19.4 (0.765) 12.3 (0.485) 8.3 (0.325) 7 TS600-200-RA-B-0.5 19.4 (0.765) 12.3 (0.485) 8.3 (0.325) 7 TS600-170F* 19.4 (0.765) 12.3 (0.485) 8.3 (0.325) 7 TS600-200F-RA-B-0.5* 19.4 (0.765) 12.3 (0.485) 8.3 (0.325) 7 * These parts are the RoHS compliant versions; they should be used for new designs. Dimensions (millimeters/ inches) Part ABCDE F G number (max.) (max.) (max.) (max.) (max.) (max.) (min.) Fig. TSM600-250 17.6 (0.691) 11.7 (0.460) 11.2 (0.440) 5.2 (0.230) 2.8 (0.111) 1.0 (0.038) 2.0 (0.080) 8 TSM600-250-RA 17.6 (0.691) 11.7 (0.460) 11.2 (0.440) 5.2 (0.230) 2.8 (0.111) 1.0 (0.038) 2.0 (0.080) 8 TSM600-250F* 17.6 (0.691) 11.7 (0.460) 11.2 (0.440) 5.2 (0.230) 2.8 (0.111) 1.0 (0.038) 2.0 (0.080) 8 TSM600-250F-RA* 17.6 (0.691) 11.7 (0.460) 11.2 (0.440) 5.2 (0.230) 2.8 (0.111) 1.0 (0.038) 2.0 (0.080) 8 Part IH IT V max. I max. R min. R max. R1 max. Agency number (A) (A) (Vdc) (A) ( Ω)(Ω)(Ω) recognition Fig. BBR550 0.55 1.1 99 20 0.80 1.30 1.95 UL, CSA 9 BBR750 0.75 1.5 99 20 0.40 0.75 1.20 UL, CSA 9 These products are intended for telecom applications. For continuous line voltage applications, see LVR product line. Please see the Raychem Circuit Protection Databook for application details. Dimensions (millimeters/ inches) Part ABCD number (max.) (max.) (nom.) (min.) Fig. BBR550 10.9 (0.43) 14.0 (0.55) 5.80 (0.23) 7.6 (0.3) 9 BBR750 11.9 (0.47) 15.5 (0.61) 5.80 (0.23) 7.6 (0.3) 9 |