| Moteur de recherche de fiches techniques de composants électroniques |
|
TRF600-160-R1 Fiches technique(PDF) 18 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
TRF600-160-R1 Fiches technique(HTML) 18 Page - Tyco Electronics |
|
18 / 22 page ![]() 204 RoHS Compliant, ELV Compliant 10 w 1 n a c w 2 Cross section Direction of unreeling Reel Type Upper side Lower side Optional shape: Circular or polygonal Figure T24 Reel Dimensions for TRF Devices h H 1 P 1 W 4 H 0 H 1 C 1 C 2 F AB Reference plane Direction of unreeling Cross section A-B W 5 H W t P 0 D 0 I 2 L L 1 h p p Figure T23 EIA Referenced Taped Component Dimensions for TRF Devices |