Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RUSBF090 Fiches technique(PDF) 27 Page - Tyco Electronics

No de pièce RUSBF090
Description  PolySwitch Resettable Devices
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

RUSBF090 Fiches technique(HTML) 27 Page - Tyco Electronics

Back Button RUSBF090 Datasheet HTML 19Page - Tyco Electronics RUSBF090 Datasheet HTML 20Page - Tyco Electronics RUSBF090 Datasheet HTML 21Page - Tyco Electronics RUSBF090 Datasheet HTML 22Page - Tyco Electronics RUSBF090 Datasheet HTML 23Page - Tyco Electronics RUSBF090 Datasheet HTML 24Page - Tyco Electronics RUSBF090 Datasheet HTML 25Page - Tyco Electronics RUSBF090 Datasheet HTML 26Page - Tyco Electronics RUSBF090 Datasheet HTML 27Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
WARNING:
Operation beyond the maximum ratings or improper use may result in device damage and possible electrical arcing and flame.
The devices are intended for protection against occasional overcurrent or overtemperature fault conditions and should not be
used when repeated fault conditions or prolonged trip events are anticipated.
Contamination of the PPTC material with certain silicon based oils or some aggressive solvents can adversely impact the
performance of the devices.
Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended electronic,
thermal, and mechanical procedures for electronic components.
Operation in circuit with a large inductance can generate a circuit voltage (L di/dt) above the rated voltage of the
PolySwitch resettable device.
13
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27