| Moteur de recherche de fiches techniques de composants électroniques |
|
microSMD075F Fiches technique(PDF) 6 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
microSMD075F Fiches technique(HTML) 6 Page - Tyco Electronics |
|
6 / 16 page ![]() 136 15 RoHS Compliant, ELV Compliant Electrical Characteristics for Surface-mount Devices at Room Temperature ... Cont’d Table S3 miniSMDC Series Size 4532 mm/1812 mils miniSMDC200F 2.00 4.00 8 100 1.00 8.00 5.00 0.020 0.070 S2 miniSMDC200S 2.00 4.00 8 100 1.00 8.00 5.00 0.020 0.060 S2 miniSMDC260F 2.60 5.00 6 100 1.00 8.00 5.00 0.015 0.043 S2 miniSMDC260F/12 2.60 5.00 12 100 1.00 8.00 5.00 0.015 0.047 S2 miniSMDC260F/13.2 2.60 5.00 13.2 100 1.20 8.00 5.00 0.015 0.050 S2 miniSMDC260F/16 2.60 5.00 16 100 1.20 8.00 5.00 0.015 0.050 S2 miniSMDE Series Size 11550 mm/4420 mils miniSMDE190F 1.90 3.80 16 100 1.50 10.00 2.00 0.024 0.08 S2 midSMD Series Size 5050 mm/2018 mils SMD030F-2018 0.30 0.80 60 20 1.50 1.50 1.50 0.500 2.30 S4 decaSMDC050F/60 0.55 1.10 60 10 1.00 8.00 0.10 0.400 1.10 S2 SMD100F-2018 1.10 2.20 15 40 1.40 8.00 0.50 0.100 0.40 S4 SMD150F-2018 1.50 3.00 15 40 1.80 8.00 1.00 0.070 0.18 S4 SMD200F-2018 2.00 4.20 6 40 1.50 8.00 3.00 0.048 0.10 S4 SMD Series Size 7555 mm/2920 mils SMD030F 0.30 0.60 60 10 1.70 1.50 3.00 1.200 4.800 S5 SMD050F 0.50 1.00 60 10 1.70 2.50 4.00 0.350 1.400 S5 SMD075F 0.75 1.50 30 40 1.70 8.00 0.30 0.350 1.000 S5 SMD075F/60 0.75 1.50 60 10 1.70 8.00 0.30 0.350 1.000 S5 SMD100F 1.10 2.20 30 40 1.70 8.00 0.50 0.120 0.480 S5 SMD100F/33 1.10 2.20 33 40 1.70 8.00 0.50 0.120 0.410 S5 SMDH120 1.20 2.30 16 50 2.00 8.00 2.00 0.150 0.340 S5 SMD125F 1.25 2.50 15 40 1.70 8.00 2.00 0.070 0.250 S5 SMD260F 2.60 5.20 6 40 1.70 8.00 20.00 0.025 0.075 S5 SMD300F 3.00 6.00 6 40 1.50 8.00 35.00 0.015 0.048 S5 SMD2 Devices Size 8763 mm/3425 mils SMD150F 1.50 3.00 15 40 1.90 8.00 5.00 0.060 0.250 S5 SMD150F/33 1.50 3.00 33 40 1.90 8.00 5.00 0.080 0.230 S5 SMDH160 1.60 3.20 16 70 2.20 8.00 15.00 0.050 0.150 S5 SMD185F 1.85 3.60 33 40 1.50 8.00 5.00 0.065 0.165 S5 SMD200F 2.00 4.00 15 40 1.90 8.00 12.00 0.050 0.125 S5 SMD250F 2.50 5.00 15 40 1.90 8.00 25.00 0.035 0.085 S5 Part Number IH (A) IT (A) VMAX (VDC) IMAX (A) PD MAX (W) Max. Time-to-Trip (A) (S) RMIN ( Ω) R1MAX ( Ω) Figure for Dimensions Dimension Figures for Surface-mount Devices Figure S2-S6 C A B E D Figure S2 C AB E D Figure S3 B H C F G A D E Figure S5 C AB DD Figure S6 B F A D E C Figure S4 NEW |