Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF85133 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce PCF85133
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85133 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button PCF85133 Datasheet HTML 3Page - NXP Semiconductors PCF85133 Datasheet HTML 4Page - NXP Semiconductors PCF85133 Datasheet HTML 5Page - NXP Semiconductors PCF85133 Datasheet HTML 6Page - NXP Semiconductors PCF85133 Datasheet HTML 7Page - NXP Semiconductors PCF85133 Datasheet HTML 8Page - NXP Semiconductors PCF85133 Datasheet HTML 9Page - NXP Semiconductors PCF85133 Datasheet HTML 10Page - NXP Semiconductors PCF85133 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
PCF85133_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 17 February 2009
7 of 41
NXP Semiconductors
PCF85133
Universal LCD driver for low multiplex rates
7.4 LCD drive mode waveforms
7.4.1 Static drive mode
The static LCD drive mode is used when a single backplane is provided in the LCD.
Backplane and segment drive waveforms for this mode are shown in Figure 4.
Vstate1(t) = VSn(t) − VBP0(t).
Von(RMS) = VLCD.
Vstate2(t) = V(Sn+1)(t) − VBP0(t).
Voff(RMS) = 0 V.
Fig 4.
Static drive mode waveforms
mgl745
VSS
VLCD
VSS
VLCD
VSS
VLCD
VLCD
−VLCD
−VLCD
VLCD
state 1
0 V
BP0
Sn
Sn+1
state 2
0 V
(a) Waveforms at driver.
(b) Resultant waveforms
at LCD segment.
LCD segments
state 1
(on)
state 2
(off)
Tfr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41