Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8564AU/10AA/1 Fiches technique(PDF) 38 Page - NXP Semiconductors

No de pièce PCF8564AU/10AA/1
Description  Real time clock and calendar
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU/10AA/1 Fiches technique(HTML) 38 Page - NXP Semiconductors

Back Button PCF8564AU/10AA/1 Datasheet HTML 34Page - NXP Semiconductors PCF8564AU/10AA/1 Datasheet HTML 35Page - NXP Semiconductors PCF8564AU/10AA/1 Datasheet HTML 36Page - NXP Semiconductors PCF8564AU/10AA/1 Datasheet HTML 37Page - NXP Semiconductors PCF8564AU/10AA/1 Datasheet HTML 38Page - NXP Semiconductors PCF8564AU/10AA/1 Datasheet HTML 39Page - NXP Semiconductors PCF8564AU/10AA/1 Datasheet HTML 40Page - NXP Semiconductors PCF8564AU/10AA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8564AU/10AA/1 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
PCF8564A_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 1 — 8 October 2009
38 of 44
NXP Semiconductors
PCF8564A
Real time clock and calendar
All NXP WLCSP packages are lead-free.
19.2 Board mounting
Board mounting of a WLCSP requires several steps:
1. Solder paste printing on the PCB
2. Component placement with a pick and place machine
3. The reflow soldering itself
19.3 Reflow soldering
Key characteristics in reflow soldering are:
• Lead-free versus SnPb soldering; note that a lead-free reflow process usually leads to
higher minimum peak temperatures (see Figure 34) than a PbSn process, thus
reducing the process window
• Solder paste printing issues, such as smearing, release, and adjusting the process
window for a mix of large and small components on one board
• Reflow temperature profile; this profile includes preheat, reflow (in which the board is
heated to the peak temperature), and cooling down. It is imperative that the peak
temperature is high enough for the solder to make reliable solder joints (a solder paste
characteristic) while being low enough that the packages and/or boards are not
damaged. The peak temperature of the package depends on package thickness and
volume and is classified in accordance with Table 35.
Moisture sensitivity precautions, as indicated on the packing, must be respected at all
times.
Studies have shown that small packages reach higher temperatures during reflow
soldering, see Figure 34.
Table 35.
Lead-free process (from J-STD-020C)
Package thickness (mm)
Package reflow temperature (
°C)
Volume (mm3)
< 350
350 to 2000
> 2000
< 1.6
260
260
260
1.6 to 2.5
260
250
245
> 2.5
250
245
245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44