| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8564AU/5BD/1 Fiches technique(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8564AU/5BD/1 Fiches technique(HTML) 35 Page - NXP Semiconductors |
|
35 / 44 page ![]() PCF8564A_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 8 October 2009 35 of 44 NXP Semiconductors PCF8564A Real time clock and calendar 18. Packing information 18.1 Wafer and FFC information Wafer thickness, see Table 1. Fig 30. Wafer layout of PCF8564AU X Saw lane detail X Marking code Straight edge of the wafer 013aaa037 Pin 1 18 µm die type 1 = 84 µm die type 2 = 74 µm die type 1 = 84 µm die type 2 = 74 µm Seal ring plus gap to active circuit ~18 µm 18 µm |