Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8563T Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PCF8563T
Description  Real-time clock/calendar
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563T Fiches technique(HTML) 2 Page - NXP Semiconductors

  PCF8563T Datasheet HTML 1Page - NXP Semiconductors PCF8563T Datasheet HTML 2Page - NXP Semiconductors PCF8563T Datasheet HTML 3Page - NXP Semiconductors PCF8563T Datasheet HTML 4Page - NXP Semiconductors PCF8563T Datasheet HTML 5Page - NXP Semiconductors PCF8563T Datasheet HTML 6Page - NXP Semiconductors PCF8563T Datasheet HTML 7Page - NXP Semiconductors PCF8563T Datasheet HTML 8Page - NXP Semiconductors PCF8563T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PCF8563_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 21 February 2008
2 of 32
NXP Semiconductors
PCF8563
Real-time clock/calendar
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number Topside
mark
Package
Name
Description
Version
PCF8563P
PCF8563P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF8563T
8563T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCF8563TS
8563
TSSOP8
plastic thin shrink small outline package; 8 leads; body width
3mm
SOT505-1
PCF8563BS
8563S
HVSON10
plastic thermal enhanced very thin small outline package;
no leads; 10 terminals; body 3
× 3 × 0.85 mm
SOT650-1
Fig 1.
Block diagram
001aah658
PCF8563
OSCILLATOR
32.768 kHz
DIVIDER
CLOCK OUT
INTERRUPT
CLKOUT
INT
MONITOR
POWER ON
RESET
WATCH
DOG
I2C-BUS
INTERFACE
OSCI
SCL
SDA
OSCO
VDD
VSS
TIMER FUNCTION
TIMER_CONTROL
0E
TIMER
0F
CONTROL
CONTROL_STATUS_1
00
CONTROL_STATUS_2
01
CLKOUT_CONTROL
0D
TIME
VL_SECONDS
02
MINUTES
03
HOURS
04
DAYS
05
ALARM FUNCTION
MINUTE_ALARM
09
HOUR_ALARM
0A
DAY_ALARM
0B
WEEKDAY_ALARM
0C
WEEKDAYS
06
CENTURY_MONTHS
07
YEARS
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32