Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8531U Fiches technique(PDF) 39 Page - NXP Semiconductors

No de pièce PCF8531U
Description  34 x 128 pixel matrix driver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U Fiches technique(HTML) 39 Page - NXP Semiconductors

Back Button PCF8531U Datasheet HTML 35Page - NXP Semiconductors PCF8531U Datasheet HTML 36Page - NXP Semiconductors PCF8531U Datasheet HTML 37Page - NXP Semiconductors PCF8531U Datasheet HTML 38Page - NXP Semiconductors PCF8531U Datasheet HTML 39Page - NXP Semiconductors PCF8531U Datasheet HTML 40Page - NXP Semiconductors PCF8531U Datasheet HTML 41Page - NXP Semiconductors PCF8531U Datasheet HTML 42Page - NXP Semiconductors PCF8531U Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
PCF8531_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 13 June 2008
39 of 44
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
33
10000000
control byte; Co = 1; RS = 0
34
00000001
H[1:0] independent
command; select function
and RAM command page
H[1:0] = 00
35
10000000
control byte; Co = 1; RS = 0
36
00001001
function and RAM command
page; select display setting
command page H[1:0] = 01
37
10000000
control byte; Co = 1; RS = 0
38
00000001
H[1:0] independent
command; select function
and RAM command page
H[1:0] = 00
39
10000000
control byte; Co = 1; RS = 0
40
00001101
display control; set inverse
video mode (D = 1; E = 1
and IM = 0)
41
10000000
control byte; Co = 1; RS = 0
42
10000000
set X address of RAM; set
address to ‘0000000’
43
01000000
control byte; Co = 0; RS = 1
44
00000000
data write
Table 17.
Programming example for PCF8531 …continued
Step
Serial bus byte
Display
Operation
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
mgs411
mgs411
mgs412
mgs412
mgs412
mgs412
mgs414



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44