Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2113EU/2/F4 Fiches technique(PDF) 31 Page - NXP Semiconductors

No de pièce PCF2113EU/2/F4
Description  LCD controllers/drivers
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2113EU/2/F4 Fiches technique(HTML) 31 Page - NXP Semiconductors

Back Button PCF2113EU/2/F4 Datasheet HTML 27Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 28Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 29Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 30Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 31Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 32Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 33Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 34Page - NXP Semiconductors PCF2113EU/2/F4 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
PCF2113_FAM_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 4 March 2008
31 of 65
NXP Semiconductors
PCF2113x
LCD controllers/drivers
10. Extended function set instructions and features
10.1 New instructions
H = 1 sets the chip into Extended instruction set mode.
10.2 Icon control
The PCF2113x can drive up to 120 icons. See Figure 18 and Figure 19 for CGRAM to
icon mapping.
Fig 18. CGRAM to icon mapping (a)
COL 1 to 5
12345
61
62
63
64
65
display:
ROW 17 –
ROW 18 –
block of 5 columns
COL 6 to 10
6789
10
66
67
68
69
70
COL 56 to 60
56
57
58
59
60
116 117 118 119 120
mge999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65