Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF2123TS Fiches technique(PDF) 41 Page - NXP Semiconductors

No de pièce PCF2123TS
Description  SPI Real time clock/calendar
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Fiches technique(HTML) 41 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 37Page - NXP Semiconductors PCF2123TS Datasheet HTML 38Page - NXP Semiconductors PCF2123TS Datasheet HTML 39Page - NXP Semiconductors PCF2123TS Datasheet HTML 40Page - NXP Semiconductors PCF2123TS Datasheet HTML 41Page - NXP Semiconductors PCF2123TS Datasheet HTML 42Page - NXP Semiconductors PCF2123TS Datasheet HTML 43Page - NXP Semiconductors PCF2123TS Datasheet HTML 44Page - NXP Semiconductors PCF2123TS Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
PCF2123_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 4 December 2009
41 of 55
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
13. Application information
A 1 farad super capacitor combined with a low VF diode can be used as a standby or back-up
supply. With the RTC in its minimum power configuration i.e. timer off and CLKOUT off, the RTC
may operate for weeks.
Fig 29. Typical application diagram
001aai557
CLKOE
VDD
CLKOUT
VSS
OSCI
OSCO
CE
SCL
SDI
SDO
PCF2123
INT
100 nF
1 F
supercapacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55