| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2113DH/4 Fiches technique(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113DH/4 Fiches technique(HTML) 31 Page - NXP Semiconductors |
|
31 / 65 page ![]() PCF2113_FAM_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 4 March 2008 31 of 65 NXP Semiconductors PCF2113x LCD controllers/drivers 10. Extended function set instructions and features 10.1 New instructions H = 1 sets the chip into Extended instruction set mode. 10.2 Icon control The PCF2113x can drive up to 120 icons. See Figure 18 and Figure 19 for CGRAM to icon mapping. Fig 18. CGRAM to icon mapping (a) COL 1 to 5 12345 61 62 63 64 65 display: ROW 17 – ROW 18 – block of 5 columns COL 6 to 10 6789 10 66 67 68 69 70 COL 56 to 60 56 57 58 59 60 116 117 118 119 120 mge999 |