| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S207MBT6CTR Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S207MBT6CTR Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 103 page ![]() Pinouts and pin description STM8S207xx, STM8S208xx 30/103 Doc ID 14733 Rev 9 41 33 25 23 17 PE5/SPI_NSS I/O X XX O1 X X Port E5 SPI master/slave select 42 - - - - PC0/ADC_ETR I/O X XX O1 X X Port C0 ADC trigger input 43 34 26 24 18 PC1/TIM1_CH1 I/O X XX HS O3 X X Port C1 Timer 1 - channel 1 44 35 27 25 19 PC2/TIM1_CH2 I/O X XX HS O3 X X Port C2 Timer 1- channel 2 45 36 28 26 20 PC3/TIM1_CH3 I/O X XX HS O3 X X Port C3 Timer 1 - channel 3 46 37 29 - 21 PC4/TIM1_CH4 I/O X XX HS O3 X X Port C4 Timer 1 - channel 4 47 38 30 27 22 PC5/SPI_SCK I/O X XX HS O3 X X Port C5 SPI clock 48 39 31 28 - VSSIO_2 S I/O ground 49 40 32 29 - VDDIO_2 S I/O power supply 50 41 33 30 23 PC6/SPI_MOSI I/O X XX HS O3 X X Port C6 SPI master out/ slave in 51 42 34 31 24 PC7/SPI_MISO I/O X XX HS O3 X X Port C7 SPI master in/ slave out 52 43 35 32 - PG0/CAN_TX(2) I/O X XO1 X X Port G0 beCAN transmit 53 44 36 33 - PG1/CAN_RX(2) I/O X XO1 X X Port G1 beCAN receive 54 45 - - - PG2 I/O X XO1 X X Port G2 55 46 - - - PG3 I/O X XO1 X X Port G3 56 47 - - - PG4 I/O X XO1 X X Port G4 57 48 - - - PI0 I/O X XO1 X X Port I0 58 -- -- PI1 I/O X XO1 X X Port I1 59 -- -- PI2 I/O X XO1 X X Port I2 60 -- -- PI3 I/O X XO1 X X Port I3 61 -- -- PI4 I/O X XO1 X X Port I4 62 -- -- PI5 I/O X XO1 X X Port I5 63 49 - - - PG5 I/O X XO1 X X Port G5 64 50 - - - PG6 I/O X XO1 X X Port G6 Table 6. Pin description (continued) Pin number Pin name Input Output Default alternate function Alternate function after remap [option bit] |