| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9632DP2 Fiches technique(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9632DP2 Fiches technique(HTML) 35 Page - NXP Semiconductors |
|
35 / 38 page ![]() PCA9632_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 15 July 2008 35 of 38 NXP Semiconductors PCA9632 4-bit Fm+ I2C-bus low power LED driver For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 18. Abbreviations MSL: Moisture Sensitivity Level Fig 29. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 22. Abbreviations Acronym Description CDM Charged-Device Model DUT Device Under Test ESD ElectroStatic Discharge HBM Human Body Model I2C-bus Inter-Integrated Circuit bus LCD Liquid Crystal Display LED Light Emitting Diode LSB Least Significant Bit MM Machine Model MSB Most Significant Bit NMOS Negative-channel Metal-Oxide Semiconductor PCB Printed-Circuit Board PMOS Positive-channel Metal-Oxide Semiconductor PWM Pulse Width Modulation RGB Red/Green/Blue RGBA Red/Green/Blue/Amber SMBus System Management Bus |