| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA9554ATS Fiches technique(PDF) 27 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9554ATS Fiches technique(HTML) 27 Page - NXP Semiconductors |
|
27 / 30 page ![]() PCA9554_9554A_7 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 07 — 13 November 2006 27 of 30 NXP Semiconductors PCA9554/PCA9554A 8-bit I2C-bus and SMBus I/O port with interrupt 14. Abbreviations Table 14. Abbreviations Acronym Description ACPI Advanced Configuration and Power Interface CDM Charged Device Model CMOS Complementary Metal Oxide Semiconductor ESD ElectroStatic Discharge FET Field-Effect Transistor GPIO General Purpose Input/Output HBM Human Body Model I2C-bus Inter-Integrated Circuit bus I/O Input/Output LED Light-Emitting Diode MM Machine Model PCB Printed-Circuit Board POR Power-On Reset SMBus System Management Bus |