Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCA9532 Fiches technique(PDF) 27 Page - NXP Semiconductors

No de pièce PCA9532
Description  16-bit I2C-bus LED dimmer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9532 Fiches technique(HTML) 27 Page - NXP Semiconductors

Back Button PCA9532 Datasheet HTML 21Page - NXP Semiconductors PCA9532 Datasheet HTML 22Page - NXP Semiconductors PCA9532 Datasheet HTML 23Page - NXP Semiconductors PCA9532 Datasheet HTML 24Page - NXP Semiconductors PCA9532 Datasheet HTML 25Page - NXP Semiconductors PCA9532 Datasheet HTML 26Page - NXP Semiconductors PCA9532 Datasheet HTML 27Page - NXP Semiconductors PCA9532 Datasheet HTML 28Page - NXP Semiconductors PCA9532 Datasheet HTML 29Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
PCA9532_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 17 March 2009
27 of 29
NXP Semiconductors
PCA9532
16-bit I2C-bus LED dimmer
17. Revision history
Table 18.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9532_4
20090317
Product data sheet
-
PCA9532_3
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity guidelines of
NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Section 5.1 “Pinning”: replaced (old) Figure 1 with separate drawings for SO24 (Figure 2) and
TSSOP24 (Figure 3)
• Table 2 “Pin description”: added Table note [1] and its reference at HVQFN24 pin 9, VSS
• Section 6.2 “Control register”:
– 2nd paragraph: changed from “The lowest 3 bits are ...” to “The lowest 4 bits are ...”
– 4th paragraph: changed from “... by reading a register different from ‘0’ ...” to “... by reading a
register different from INPUT0 ...”
• Section 6.6 “External RESET”, 1st paragraph, 1st sentence: changed symbol from “tW” to “tw(rst)”
• Figure 11 “Write to register”: symbol changed from “tpv” to “tv(Q)”
• Figure 13 “Read input port register”:
– Symbol changed from “tph” to “th(D)”
– Symbol changed from “tps” to “tsu(D)”
• Table 12 “Limiting values”: changed symbol/parameter from “II/O, DC output current on an I/O”
to “IO(LEDn), output current on pin LEDn”
• Table 13 “Static characteristics”:
– Descriptive line below table title: 2nd sentence is moved to Table note [1], with its reference at
column heading “Typ”
–
∆IDD parameter changed from “additional standby current” to “additional quiescent supply
current”
– Sub-section “I/Os”: symbol changed from “IL” to “ILI”
• Table 14 “Dynamic characteristics”:
– Symbol/parameter changed from “tPV, Output data valid” to “tv(Q), data output valid time”
– Symbol/parameter changed from “tPS, Input data set-up time” to “tsu(D), data input set-up time”
– Symbol/parameter changed from “tPH, Input data hold time” to “th(D), data input hold time”
– Symbol changed from “tW” to “tw(rst)”
– Symbol changed from “tREC” to “trec(rst)”
– Symbol/parameter changed from “tRESET, Time to reset” to “trst, reset time”
• Figure 19 “Definition of RESET timing”:
– Symbol changed from “tREC” to “trec(rst)”
– Symbol changed from “tRESET” to “trst”
– Symbol changed from “tW” to “tw(rst)”
– Symbol changed from “tRESET” to “trst”
• Updated handling information
• Added soldering information
PCA9532_3
20041001
Product data sheet
-
PCA9532_2
PCA9532_2
(9397 750 11459)
20030502
Product data
ECN 853-2398 29860
dated 24 Apr 2003
PCA9532_1
PCA9532_1
(9397 750 10874)
20030226
Product data
ECN 853-2398 29297
dated 12 Dec 2002
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29