| Moteur de recherche de fiches techniques de composants électroniques |
|
VDIP2 Fiches technique(PDF) 8 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
VDIP2 Fiches technique(HTML) 8 Page - Future Technology Devices International Ltd. |
|
8 / 23 page ![]() ` Copyright © 2009 Future Technology Devices International Limited 7 Document Reference No.: FT_000017 VDIP2 Vinculum VNC1L Module Datasheet Version 1.0 Clearance No.: FTDI# 145 3.3 I/O Configuration Using The Jumper Pin Header Two three way jumper pin headers are provided to allow for simple configuration of the I/O on data and control bus pins of the VDIP2. This is done by a combination of pulling up or pulling down the VNC1L ACBUS5 (pin 46) and ACBUS6 (pin 47). The relevant portion of the VDIP2 module schematic is shown in Figure 3.2 Figure 3.2 – VDIP2 On-Board Jumper Pin Configuration. ACBUS6 (VNC1L pin 47) ACBUS5 (VNC1L pin 46) I/O Mode Pull-Up Pull-Up Serial UART Pull-Up Pull-Down SPI Pull-Down Pull-Up Parallel FIFO Pull-Down Pull-Down Serial UART Table 3.2 – VDIP2 Port Selection Jumper Pins |