| Moteur de recherche de fiches techniques de composants électroniques |
|
ASMD150F Fiches technique(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
ASMD150F Fiches technique(HTML) 1 Page - Tyco Electronics |
|
1 / 22 page ![]() 149 10 We have provided PPTC resettable devices for the automotive industry for over 25 years. With the advent of TS16949 and our continued involvement in the automotive industry, we developed automotive specific versions of our PolySwitch PPTC devices (AHS, ASMD, AHRF, AHEF, AGRF and BD). These products are qualified and sold under PS400 specification which is derived from AEC-Q200, the standard for electronic components used in the automotive industry. The key difference between these product families and other protection devices in our circuit protection product portfolio is the qualification process followed according to a series of rigorous tests related to the automotive environment. As a result, they are characterized by specific additional values determined post automotive related testing. • Expertise from the world’s leading resettable overcurrent protection manufacturer • High quality products from the world’s largest passive component manufacturer • Worldwide team dedicated to support automotive applications • Wide range of dedicated automotive surface-mount and radial-leaded resettable overcurrent devices • High performance transient voltage protection devices • RoHS compliant • Overcurrent and overvoltage circuit protection devices • Resettable and single-use overcurrent devices • Wide range of form factor and termination methods • Products meet applicable automotive industry standards • Devices compatible with high-volume electronics assembly • Motor and motor circuit protection including power door-locks, mirrors, lumbar pumps, seats, sunroofs and windows • Electronic Control Unit (ECU) I/O protection • Heating Ventilation and Cooling (HVAC) motor and I/O protection • Telematics, infotainment and navigations systems • Liquid Crystal Display (LCD) back-light heaters • Power and cigarette lighter outlets, plugs and adapter/chargers PolySwitch Resettable Devices Automotive Devices Benefits Features Applications • Powered networks and busses • Air-flow detection and overcurrent protection in HVAC and cooling fan systems • Stall detection in express window and sunroof circuits • Power distribution, electrical centers and junction box resettable overcurrent protection • Wire downsizing • Motor Electromagnetic Interference (EMI) suppression • Electrostatic Discharge (ESD) damage protection • Load dump and other transient voltage protection 10 |
Numéro de pièce similaire - ASMD150F |
|
Description similaire - ASMD150F |