| Moteur de recherche de fiches techniques de composants électroniques |
|
1116477-4 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1116477-4 Fiches technique(HTML) 2 Page - Tyco Electronics |
|
2 / 4 page ![]() 2 AMP Pivot Connector Series AMP PIVOT CONNECTORS DRAWINGS FOR AMP PIVOT CONNECTORS HOW TO USE AN AMP PIVOT CONNECTOR http://www.tycoelectronics.com/products/pivot One Pair Pivot Connector Closed Position Open Position All part numbers are RoHS compliant. PIVOT Part # # OF ENTRY STUFFER STUFFER DIM A DIM B DIM C AWG INSULATION STUFFER PAIRS STYLE LENGTH MARKING DIAMETER COLOR 1116477-3 1 SINGLE SHORT T/R .430 .595 .599 22-24 .06-.04 CLEAR 1116477-4* 1 SINGLE SHORT T/R .430 .595 .599 22-24 .06-.04 CLEAR 1116161-5 2 SINGLE SHORT T/R .820 .595 .599 22-24 .06-.04 CLEAR 1116161-6 2 SINGLE SHORT 1/4 .820 .595 .599 22-24 .06-.04 CLEAR 1116161-7* 2 SINGLE SHORT T/R .820 .595 .599 22-24 .06-.04 CLEAR 1116161-8* 2 SINGLE SHORT 1/4 .820 .595 .599 22-24 .06-.04 CLEAR 1116581-3 4 SINGLE SHORT T/R 1.60 .595 .599 22-24 .06-.04 CLEAR 1116581-4* 4 SINGLE SHORT T/R 1.60 .595 .599 22-24 .06-.04 CLEAR Product Specification: 108-1657 Application Specification: 114-6062 Qualification Test: 501-373 T/R is an abbreviation for Tip & Ring (Commonly used when talking about phone lines in the telecommunications industry) * Signifies part is grease filled DIM A STUFFER MARKING WIRE 22-24 AWG WIRE 22-24 AWG DIM B .420 DIM C .093 .093 Wire Insertion After the connector has been applied to the pc board, the unstripped wires may be inserted into the corresponding wire insertion hold of the stuffer. Termination While holding the wires firmly in place, push down on the stuffer until it bottoms to terminate the wire. Top view of a one pair, single entry pivot connector in a closed position. Drawing shows connec- tor width. Side view of a one pair, single entry pivot connector in a closed position. Drawing shows a wire fed into the connector, the connector height, stuffer length and tine length. Side view of a one pair, single entry pivot connector in an open position. Drawing shows con- nector height and height when the stuffer is open. .433 |