Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89LPC980FDH Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce P89LPC980FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB wide-voltage byte-erasable flash with 10-bit ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC980FDH Fiches technique(HTML) 4 Page - NXP Semiconductors

  P89LPC980FDH Datasheet HTML 1Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC980FDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
P89LPC980_982_983_985_2
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 — 8 February 2010
4 of 85
NXP Semiconductors
P89LPC980/982/983/985
8-bit microcontroller with accelerated two-clock 80C51 core
4.
Block diagram
Fig 1.
P89LPC980/982 block diagram
ACCELERATED 2-CLOCK 80C51 CPU
8 kB/4 kB
CODE FLASH
256-BYTE
DATA RAM
PORT 2
CONFIGURABLE I/Os
PORT 1
CONFIGURABLE I/Os
PORT 0
CONFIGURABLE I/Os
KEYPAD
INTERRUPT
PROGRAMMABLE
OSCILLATOR DIVIDER
CPU
clock
CONFIGURABLE
OSCILLATOR
ON-CHIP RC
OSCILLATOR
WITH CLOCK
DOUBLER
internal bus
POWER MANAGEMENT
(POWER-ON RESET,
BROWNOUT RESET,
REGULATORS)
002aae532
UART
ANALOG
COMPARATORS
256-BYTE
AUXILIARY RAM
(P89LPC982)
I2C-BUS
PORT 3
CONFIGURABLE I/Os
P89LPC980/982
WATCHDOG TIMER
AND OSCILLATOR
TIMER 0
TIMER 1
REAL-TIME CLOCK/
SYSTEM TIMER
SPI
P3[1:0]
P2[7:0]
P1[7:0]
P0[7:0]
TXD
RXD
SCL
SDA
T0
T1
CMP2
CIN2B
CIN2A
CMP1
CIN1A
CIN1B
TIMER 2
TIMER 3
TIMER 4
T2
T2EX
T3
T3EX
T4
T4EX
SPICLK
MOSI
MISO
SS
CRYSTAL
OR
RESONATOR
XTAL2
XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85