Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89LPC913FDH Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce P89LPC913FDH
Description  8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC913FDH Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button P89LPC913FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC913FDH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
P89LPC912_913_914_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 28 September 2007
6 of 66
NXP Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Fig 3.
P89LPC914 block diagram
1 kB CODE FLASH
SPI
CMP1
CIN2A
CIN1A
CMPREF
P2[5:2]
P1.5, P1[2:0]
P0.2, P0[6:4]
MOSI
SPICLK
MISO
T0
P89LPC914
002aaa474
SS
TXD
RXD
HIGH PERFORMANCE
ACCELERATED 2-CLOCK 80C51 CPU
128 BYTE DATA RAM
PORT 2
CONFIGURABLE I/O
PORT 1
CONFIGURABLE I/O
PORT 0
CONFIGURABLE I/O
KEYPAD INTERRUPT
WATCHDOG TIMER
AND OSCILLATOR
PROGRAMMABLE
OSCILLATOR DIVIDER
CPU clock
ON-CHIP
OSCILLATOR
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
ANALOG
COMPARATORS
TIMER 0
TIMER 1
REAL TIME CLOCK/
SYSTEM TIMER
UART
internal bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66