Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89LPC913 Fiches technique(PDF) 33 Page - NXP Semiconductors

No de pièce P89LPC913
Description  8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC913 Fiches technique(HTML) 33 Page - NXP Semiconductors

Back Button P89LPC913 Datasheet HTML 29Page - NXP Semiconductors P89LPC913 Datasheet HTML 30Page - NXP Semiconductors P89LPC913 Datasheet HTML 31Page - NXP Semiconductors P89LPC913 Datasheet HTML 32Page - NXP Semiconductors P89LPC913 Datasheet HTML 33Page - NXP Semiconductors P89LPC913 Datasheet HTML 34Page - NXP Semiconductors P89LPC913 Datasheet HTML 35Page - NXP Semiconductors P89LPC913 Datasheet HTML 36Page - NXP Semiconductors P89LPC913 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
P89LPC912_913_914_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 28 September 2007
33 of 66
NXP Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
8.12 I/O ports
The P89LPC912 and P89LPC913 devices have 4 I/O ports: Port 0, Port 1, Port 2 and
Port 3. The exact number of I/O pins available depends on the clock and reset options
chosen, as shown in Table 10.
Fig 13. Interrupt sources, interrupt enables, and power-down wake-up sources (P89LPC912)
EA (IE0.7)
EC
CMF1
CMF2
TF0
ET0
SPIF
ESPI
BOF
EBO
KBIF
EKBI
TF1
ET1
002aaa484
RTCF
ERTC
(RTCCON.1)
WDOVF
EWDRT
wake-up
(if in power-down)
interrupt
to CPU
Fig 14. Interrupt sources, interrupt enables, and power-down wake-up sources (P89LPC913, P89LPC914)
EA (IE0.7)
EC
CMF1
CMF2
BOF
EBO
KBIF
EKBI
002aaa485
TF0
ET0
TF1
ET1
ES/ESR
TI and RI/RI
TI
EST
SPIF
ESPI
RTCF
ERTC
(RTCCON.1)
WDOVF
EWDRT
wake-up
(if in power-down)
interrupt
to CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66