Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE821 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STMPE821
Description  8-channel capacitive touch key controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE821 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STMPE821_09 Datasheet HTML 26Page - STMicroelectronics STMPE821_09 Datasheet HTML 27Page - STMicroelectronics STMPE821_09 Datasheet HTML 28Page - STMicroelectronics STMPE821_09 Datasheet HTML 29Page - STMicroelectronics STMPE821_09 Datasheet HTML 30Page - STMicroelectronics STMPE821_09 Datasheet HTML 31Page - STMicroelectronics STMPE821_09 Datasheet HTML 32Page - STMicroelectronics STMPE821_09 Datasheet HTML 33Page - STMicroelectronics STMPE821_09 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Capacitive touch module registers
STMPE821
30/55
CTRL
Control
Address:
0x25
Type:
R/W
Reset:
0x00
Description:
Control
76
543
2
1
0
RESERVED
F2A
HDC_U
HDC_C
HOLD
[7:4] RESERVED
[3] F2A:
Write '1' to force device to remain in ACTIVE state at all times
[2] HDC_U:
Write '1' to perform unconditional host driven calibration.
Cleared to '0' when calibration is completed
Only applicable HOLD is '1'
[1] HDC_C:
Write '1' to perform conditional host driven calibration.
Calibration is performed if and only if no touch is detected.
Cleared to '0' when calibration is completed
Only applicable HOLD is '1'
[0] HOLD:
'0' to enable ETC
'1' to disable ETC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55