| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE811QTR Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811QTR Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 64 page ![]() STMPE811 System and identification registers Doc ID 14489 Rev 2 23/64 SPI_CFG SPI interface configuration Address: 0x08 Type: R/W Reset: 0x01 Description: SPI interface configuration register 76 543 2 1 0 RESERVED AUTO_INCR SPI_CLK_MOD1 SPI_CLK_MOD0 [7:3] RESERVED [2] AUTO_INCR: This bit defines whether the SPI transaction follows an addressing scheme that internally autoincrements or not [1] SPI_CLK_MOD1: This bit reflects the value of the SCAD/A0 pin during power-up reset [0] SPI_CLK_MOD0: This bit reflects the value of the SCAD/A0 pin during power-up reset |