Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE610QTR Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STMPE610QTR
Description  S-Touch?? advanced touchscreen controller with 6-bit port expander
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE610QTR Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STMPE610QTR Datasheet HTML 16Page - STMicroelectronics STMPE610QTR Datasheet HTML 17Page - STMicroelectronics STMPE610QTR Datasheet HTML 18Page - STMicroelectronics STMPE610QTR Datasheet HTML 19Page - STMicroelectronics STMPE610QTR Datasheet HTML 20Page - STMicroelectronics STMPE610QTR Datasheet HTML 21Page - STMicroelectronics STMPE610QTR Datasheet HTML 22Page - STMicroelectronics STMPE610QTR Datasheet HTML 23Page - STMicroelectronics STMPE610QTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Interrupt system
STMPE610
20/56
Doc ID 15432 Rev 3
8
Interrupt system
The STMPE610 uses a 2-tier interrupt structure. The ADC interrupts and GPIO interrupts
are ganged as a single bit in the “interrupt status register”. The interrupts from the
touchscreen controller can be seen directly in the interrupt status register.
Figure 8.
Interrupt system diagram
GPIO
interrupt
status
FIFO status
TSC touch
AND
Interrupt
enable
Interrupt
status
AND
GPIO
interrupt
enable
AND
ADC
interrupt
enable
ADC
interrupt
status
AM00752V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56