| Moteur de recherche de fiches techniques de composants électroniques |
|
M23LR64-R-DW6T/2 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M23LR64-R-DW6T/2 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 126 page ![]() M24LR64-R List of figures Doc ID 15170 Rev 9 11/126 Figure 48. M24LR64-R protocol timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58 Figure 49. M24LR64-R state transition diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 Figure 50. Principle of comparison between the mask, the slot number and the UID . . . . . . . . . . . . . 67 Figure 51. Description of a possible anticollision sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70 Figure 52. Stay Quiet frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . 75 Figure 53. Read Single Block frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . 77 Figure 54. Write Single Block frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . 79 Figure 55. Read Multiple Block frame exchange between VCD and M24LR64-R. . . . . . . . . . . . . . . . 81 Figure 56. Select frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . . . . 82 Figure 57. Reset to Ready frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . 83 Figure 58. Write AFI frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . . 85 Figure 59. Lock AFI frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . . 87 Figure 60. Write DSFID frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . 89 Figure 61. Lock DSFID frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . 91 Figure 62. Get System Info frame exchange between VCD and M24LR64-R. . . . . . . . . . . . . . . . . . . 93 Figure 63. Get Multiple Block Security Status frame exchange between VCD and M24LR64-R . . . . 95 Figure 64. Write-sector Password frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . 97 Figure 65. Lock-sector Password frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . 99 Figure 66. Present-sector Password frame exchange between VCD and M24LR64-R . . . . . . . . . . 101 Figure 67. Fast Read Single Block frame exchange between VCD and M24LR64-R . . . . . . . . . . . . 103 Figure 68. Fast Initiate frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . 105 Figure 69. Fast Read Multiple Block frame exchange between VCD and M24LR64-R. . . . . . . . . . . 107 Figure 70. Initiate frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . . . 109 Figure 71. AC test measurement I/O waveform. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111 Figure 72. I2C AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114 Figure 73. M24LR64-R synchronous timing, transmit and receive . . . . . . . . . . . . . . . . . . . . . . . . . . 116 Figure 74. SO8N – 8-lead plastic small outline, 150 mils body width, package outline . . . . . . . . . . . 117 Figure 75. UFDFPN8 (MLP8) – Ultra thin fine pitch dual flat package no lead 2 x 3 mm, package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118 Figure 76. TSSOP8 – 8-lead thin shrink small outline, package outline . . . . . . . . . . . . . . . . . . . . . . 119 |