Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M23LR64-R-MB6T/2 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce M23LR64-R-MB6T/2
Description  64 Kbit EEPROM with password protection & dual interface: 400kHz I²C serial bus & ISO 18000-3 mode 1 RF protocol at 13.56MHz
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M23LR64-R-MB6T/2 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button M23LR64-R-MB6T/2 Datasheet HTML 7Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 8Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 9Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 10Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 11Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 12Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 13Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 14Page - STMicroelectronics M23LR64-R-MB6T/2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
M24LR64-R
List of figures
Doc ID 15170 Rev 9
11/126
Figure 48.
M24LR64-R protocol timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 49.
M24LR64-R state transition diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 50.
Principle of comparison between the mask, the slot number and the UID . . . . . . . . . . . . . 67
Figure 51.
Description of a possible anticollision sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Figure 52.
Stay Quiet frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . 75
Figure 53.
Read Single Block frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . 77
Figure 54.
Write Single Block frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . 79
Figure 55.
Read Multiple Block frame exchange between VCD and M24LR64-R. . . . . . . . . . . . . . . . 81
Figure 56.
Select frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Figure 57.
Reset to Ready frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . 83
Figure 58.
Write AFI frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . . 85
Figure 59.
Lock AFI frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . . 87
Figure 60.
Write DSFID frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . 89
Figure 61.
Lock DSFID frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . 91
Figure 62.
Get System Info frame exchange between VCD and M24LR64-R. . . . . . . . . . . . . . . . . . . 93
Figure 63.
Get Multiple Block Security Status frame exchange between VCD and M24LR64-R . . . . 95
Figure 64.
Write-sector Password frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . 97
Figure 65.
Lock-sector Password frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . 99
Figure 66.
Present-sector Password frame exchange between VCD and M24LR64-R . . . . . . . . . . 101
Figure 67.
Fast Read Single Block frame exchange between VCD and M24LR64-R . . . . . . . . . . . . 103
Figure 68.
Fast Initiate frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . 105
Figure 69.
Fast Read Multiple Block frame exchange between VCD and M24LR64-R. . . . . . . . . . . 107
Figure 70.
Initiate frame exchange between VCD and M24LR64-R . . . . . . . . . . . . . . . . . . . . . . . . . 109
Figure 71.
AC test measurement I/O waveform. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111
Figure 72.
I2C AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114
Figure 73.
M24LR64-R synchronous timing, transmit and receive . . . . . . . . . . . . . . . . . . . . . . . . . . 116
Figure 74.
SO8N – 8-lead plastic small outline, 150 mils body width, package outline . . . . . . . . . . . 117
Figure 75.
UFDFPN8 (MLP8) – Ultra thin fine pitch dual flat package no lead
2 x 3 mm, package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118
Figure 76.
TSSOP8 – 8-lead thin shrink small outline, package outline . . . . . . . . . . . . . . . . . . . . . . 119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More