Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACST6 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce ACST6
Description  Overvoltage protected AC switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST6 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button ACST6 Datasheet HTML 7Page - STMicroelectronics ACST6 Datasheet HTML 8Page - STMicroelectronics ACST6 Datasheet HTML 9Page - STMicroelectronics ACST6 Datasheet HTML 10Page - STMicroelectronics ACST6 Datasheet HTML 11Page - STMicroelectronics ACST6 Datasheet HTML 12Page - STMicroelectronics ACST6 Datasheet HTML 13Page - STMicroelectronics ACST6 Datasheet HTML 14Page - STMicroelectronics ACST6 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ACST6
Package information
Doc ID 7297 Rev 9
13/15
Table 9.
I2PAK double track dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.018
0.024
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
E
10
10.40
0.394
0.409
G
4.88
5.28
0.192
0.208
L
16.70
17.5
0.657
0.689
L2
1.27
1.40
0.050
0.055
L3
13.82
14.42
0.544
0.568
E
L2
A
Cropping
direction
C2
D
A1
C
L
L3
G
B2
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15