Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRP7708 Fiches technique(PDF) 21 Page - Exar Corporation

No de pièce XRP7708
Description  Quad Channel Digital PWM Step Down Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Fiches technique(HTML) 21 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 17Page - Exar Corporation XRP7708 Datasheet HTML 18Page - Exar Corporation XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation XRP7708 Datasheet HTML 24Page - Exar Corporation XRP7708 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
X
XR
RP
P7
77
70
08
8
Q
Qu
ua
ad
d C
Ch
ha
an
nn
ne
ell D
Diig
giitta
all P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n C
Co
on
nttrro
olllle
err
© 2010 Exar Corporation
21/27
Rev. 1.0.3
When powering in sync mode the slave unit will initially power up with its internal clock to transfer
the configuration memory. Once this transfer occurs, then the unit is set to function as a slave unit.
In turn the unit will take the external clock provided by the master to run as its main internal clock.
GPIO2
GPIO2
XRP7708
configured
as a master
XRP7708
configured
as a slave
CLK_OUT
SYNC_OUT
SYNC_IN
CLK_IN
GPIO1
GPIO1
Fig. 23: Master/Slave Configuration of the XRP7708
External Clock Synchronization Master Slave combination
When an external clock is used, the user will need to setup the master to also have an external
clock in function. All of the same rules apply as in the External clock synchronization, Synchronized
operation as a Slave unit section of this document. There are two ways of synchronizing this,
either the external clock going to both Master/Slave CLK_IN, or CLK_IN can go to the Master, and
the Master can synchronize SYNC_OUT and CLK_OUT to the Slave.
GPIO2
GPIO2
XRP7708
Configured as a
master with
external clock sync
XRP7708
configured
as slave
SYNC_OUT
SYNC_IN
CLK_IN
CLK_IN
GPIO1
GPIO1
Fig. 24: External Clock Synchronization Master Slave Combination
GPIO2
GPIO2
XRP7708
Configured as a
master with
external clock sync
XRP7708
configured
as slave
SYNC_OUT
SYNC_IN
CLK_IN
CLK_IN
GPIO1
GPIO3
CLK_OUT
GPIO1
Fig. 25:Alternative External clock synchronization Master Slave combination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27