Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2104FBD48/00 Fiches technique(PDF) 38 Page - NXP Semiconductors

No de pièce LPC2104FBD48/00
Description  Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2104FBD48/00 Fiches technique(HTML) 38 Page - NXP Semiconductors

Back Button LPC2104FBD48/00 Datasheet HTML 33Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 34Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 35Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 36Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 37Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 38Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 39Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 40Page - NXP Semiconductors LPC2104FBD48/00 Datasheet HTML 41Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
LPC2104_2105_2106_7
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 07 — 20 June 2008
38 of 41
NXP Semiconductors
LPC2104/2105/2106
Single-chip 32-bit microcontrollers
11. Abbreviations
Table 12.
Abbreviations
Acronym
Description
AMBA
Advanced Microcontroller Bus Architecture
APB
ARM Peripheral Bus
CPU
Central Processing Unit
DCC
Debug Communications Channel
FIFO
First In, First Out
GPIO
General Purpose Input/Output
PLL
Phase-Locked Loop
PWM
Pulse Width Modulator
RAM
Random Access Memory
SPI
Serial Peripheral Interface
SSI
Synchronous Serial Interface
SSP
Synchronous Serial Port
SRAM
Static Random Access Memory
TTL
Transistor-Transistor Logic
UART
Universal Asynchronous Receiver/Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41