| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2102 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2102 Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 37 page ![]() LPC2101_02_03_4 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 04 — 2 June 2009 3 of 37 NXP Semiconductors LPC2101/02/03 Single-chip 16-bit/32-bit microcontrollers 4. Block diagram (1) Pins shared with GPIO. Fig 1. Block diagram 002aab814 system clock TRST TMS TCK TDI TDO XTAL2 VDD(3V3) XTAL1 AMBA AHB (Advanced High-performance Bus) MEMORY ACCELERATOR AHB BRIDGE TEST/DEBUG INTERFACE AHB TO APB BRIDGE VECTORED INTERRUPT CONTROLLER SYSTEM FUNCTIONS PLL 8 kB/16 kB/ 32 kB FLASH ARM7TDMI-S LPC2101/2102/2103 INTERNAL SRAM CONTROLLER 2 kB/4 kB/ 8 kB SRAM ARM7 local bus APB (ARM peripheral bus) SCL0, SCL1(1) SDA0, SDA1(1) 3 × CAP0(1) 4 × CAP1(1) 3 × CAP2(1) 3 × MAT0(1) 4 × MAT1(1) 3 × MAT2(1) 4 × MAT3(1) AD0[7:0] I2C-BUS SERIAL INTERFACES 0 AND 1 CAPTURE/COMPARE EXTERNAL COUNTER TIMER 0/TIMER 1/ TIMER 2/TIMER 3 EINT2 to EINT0(1) EXTERNAL INTERRUPTS SCK0, SCK1(1) MOSI0, MOSI1(1) MISO0, MISO1(1) SSEL0, SSEL1(1) SPI AND SSP SERIAL INTERFACES ADC TXD0, TXD1(1) RXD0, RXD1(1) UART0/UART1 RTCX2 RTCX1 VBAT REAL-TIME CLOCK WATCHDOG TIMER SYSTEM CONTROL P0[31:0] P0[31:0] GENERAL PURPOSE I/O HIGH SPEED GENERAL PURPOSE I/O RST VSS 8 kB BOOT ROM VDD(1V8) DSR1, CTS1, RTS1, DTR1 DCD1, RI1 |