| Moteur de recherche de fiches techniques de composants électroniques |
|
LM75AD Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LM75AD Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 24 page ![]() LM75A_4 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 04 — 10 July 2007 13 of 24 NXP Semiconductors LM75A Digital temperature sensor and thermal watchdog Fig 8. Write Tos or Thyst register (2-byte data) 002aad036 123456789 123456789 D7 SDA (cont.) SCL (cont.) D6 D5 D4 D3 D2 D1 D0 A D7 D6 D5 D4 D3 D2 D1 D0 A P 1 S SDA SCL 001 A2 A1 A0 W A 000000 P1 P0 A (next) (next) 123456789 123456789 device address pointer byte MSByte data LSByte data START write device acknowledge device acknowledge STOP device acknowledge device acknowledge Fig 9. Read Temp, Tos or Thyst register including pointer byte (2-byte data) 123456789 123456789 123456789 123456789 1001 A2 A1 A0 R A D7 D6 D5 D4 D3 D2 D1 D0 A' D7 D6 D5 D4 D3 D2 D1 D0 NA P 123456789 0 1 S 001 A2 A1 A0 W A 000000 P1 P0 A (next) (next) SDA SCL SDA (cont) SCL (cont) RS 002aad037 device address pointer byte device address MSByte from device LSByte from device START RE-START write device acknowledge device acknowledge read master acknowledge master not acknowledged device acknowledge STOP Fig 10. Read Temp, Tos or Thyst register with preset pointer (2-byte data) 123456789 123456789 123456789 1 S 0 0 1 A2 A1 A0 R A D7 D6 D5 D4 D3 D2 D1 D0 A' D7 D6 D5 D4 D3 D2 D1 D0 NA P SDA SCL 002aad038 device address MSByte from device LSByte from device START read master acknowledge master not acknowledged device acknowledge STOP |