| Moteur de recherche de fiches techniques de composants électroniques |
|
KTY83/122 Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY83/122 Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 10 page ![]() KTY83_SER_6 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 06 — 4 April 2008 4 of 10 NXP Semiconductors KTY83 series Silicon temperature sensors Table 7. Ambient temperature, corresponding resistance, temperature coefficient and maximum expected temperature error for KTY83/110 and KTY83/120 Isen(cont) = 1 mA. Ambient temperature Temperature coefficient (%/K) KTY83/110 KTY83/120 ( °C) ( °F) Resistance ( Ω) Temperature error (K) Resistance ( Ω) Temperature error (K) Min Typ Max Min Typ Max −55 −67 0.97 485 500 515 ±3.08 480 500 520 ±4.11 −50 −58 0.96 510 525 540 ±2.99 504 525 545 ±4.04 −40 −40 0.93 562 577 592 ±2.81 556 577 598 ±3.88 −30 −22 0.91 617 632 647 ±2.62 611 632 654 ±3.72 −20 −4 0.88 677 691 706 ±2.42 670 691 713 ±3.56 −10 14 0.85 740 754 768 ±2.2 732 754 776 ±3.37 0 32 0.83 807 820 833 ±1.97 798 820 841 ±3.18 10 50 0.80 877 889 902 ±1.72 868 889 910 ±2.97 20 68 0.78 951 962 973 ±1.45 942 962 983 ±2.74 25 77 0.76 990 1000 1010 ±1.31 980 1000 1020 ±2.62 30 86 0.75 1027 1039 1050 ±1.44 1017 1039 1060 ±2.77 40 104 0.73 1105 1118 1132 ±1.7 1093 1118 1143 ±3.07 50 122 0.71 1185 1202 1219 ±1.98 1173 1202 1231 ±3.39 60 140 0.69 1268 1288 1309 ±2.27 1255 1288 1321 ±3.73 70 158 0.67 1355 1379 1402 ±2.58 1341 1379 1416 ±4.08 80 176 0.65 1445 1472 1500 ±2.9 1430 1472 1515 ±4.44 90 194 0.63 1537 1569 1601 ±3.24 1522 1569 1617 ±4.82 100 212 0.61 1633 1670 1707 ±3.59 1617 1670 1723 ±5.22 110 230 0.60 1732 1774 1816 ±3.95 1714 1774 1834 ±5.63 120 248 0.58 1834 1882 1929 ±4.34 1815 1882 1948 ±6.06 125 257 0.57 1886 1937 1987 ±4.53 1867 1937 2006 ±6.28 130 266 0.57 1939 1993 2046 ±4.73 1919 1993 2066 ±6.5 140 284 0.55 2047 2107 2167 ±5.14 2026 2107 2188 ±6.96 150 302 0.54 2158 2225 2292 ±5.57 2136 2225 2314 ±7.43 160 320 0.52 2272 2346 2420 ±6.02 2249 2346 2444 ±7.92 170 338 0.51 2389 2471 2553 ±6.47 2364 2471 2578 ±8.43 175 347 0.51 2449 2535 2621 ±6.71 2423 2535 2646 ±8.68 |