Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTY82 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce KTY82
Description  Silicon temperature sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

KTY82 Fiches technique(HTML) 2 Page - NXP Semiconductors

  KTY82 Datasheet HTML 1Page - NXP Semiconductors KTY82 Datasheet HTML 2Page - NXP Semiconductors KTY82 Datasheet HTML 3Page - NXP Semiconductors KTY82 Datasheet HTML 4Page - NXP Semiconductors KTY82 Datasheet HTML 5Page - NXP Semiconductors KTY82 Datasheet HTML 6Page - NXP Semiconductors KTY82 Datasheet HTML 7Page - NXP Semiconductors KTY82 Datasheet HTML 8Page - NXP Semiconductors KTY82 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
KTY82_SER_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 January 2008
2 of 17
NXP Semiconductors
KTY82 series
Silicon temperature sensors
2.
Pinning information
3.
Ordering information
Table 2.
Pinning
Pin
Description
Simplified outline
1
electrical contact
2
electrical contact
3
substrate (must remain potential free)
12
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
KTY82/110
-
plastic surface-mounted package; 3 leads
SOT23
KTY82/120
KTY82/121
KTY82/122
KTY82/150
KTY82/151
KTY82/210
KTY82/220
KTY82/221
KTY82/222
KTY82/250
KTY82/251
KTY82/252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17