| Moteur de recherche de fiches techniques de composants électroniques |
|
KTY81/122 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY81/122 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 15 page ![]() KTY81_SER_5 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 05 — 25 April 2008 9 of 15 NXP Semiconductors KTY81 series Silicon temperature sensors Table 12. Ambient temperature, corresponding resistance, temperature coefficient and maximum expected temperature error for KTY81/250 Isen(cont) = 1 mA. Ambient temperature Temperature coefficient (%/K) KTY81/250 ( °C) ( °F) Resistance ( Ω) Temperature error (K) Min Typ Max −55 −67 0.99 911 980 1049 ±7.04 −50 −58 0.98 959 1030 1101 ±6.99 −40 −40 0.96 1060 1135 1210 ±6.91 −30 −22 0.93 1168 1247 1327 ±6.84 −20 −4 0.91 1283 1367 1451 ±6.77 −10 14 0.88 1407 1495 1583 ±6.69 0 32 0.85 1538 1630 1721 ±6.61 10 50 0.83 1677 1772 1867 ±6.51 20 68 0.80 1824 1922 2021 ±6.41 25 77 0.79 1900 2000 2100 ±6.35 30 86 0.78 1974 2080 2185 ±6.55 40 104 0.75 2127 2245 2362 ±6.97 50 122 0.73 2287 2417 2547 ±7.4 60 140 0.71 2453 2597 2741 ±7.85 70 158 0.69 2626 2785 2943 ±8.31 80 176 0.67 2805 2980 3154 ±8.79 90 194 0.65 2990 3182 3374 ±9.29 100 212 0.63 3182 3392 3602 ±9.81 110 230 0.59 3379 3607 3836 ±10.65 120 248 0.53 3569 3817 4065 ±12.25 125 257 0.49 3658 3915 4173 ±13.45 130 266 0.44 3741 4008 4274 ±15.06 140 284 0.33 3883 4166 4450 ±20.49 150 302 0.20 3982 4280 4578 ±34.35 |