| Moteur de recherche de fiches techniques de composants électroniques |
|
KTY81/121 Fiches technique(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
KTY81/121 Fiches technique(HTML) 6 Page - NXP Semiconductors |
|
6 / 15 page ![]() KTY81_SER_5 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 05 — 25 April 2008 6 of 15 NXP Semiconductors KTY81 series Silicon temperature sensors Table 9. Ambient temperature, corresponding resistance, temperature coefficient and maximum expected temperature error for KTY81/150 Isen(cont) = 1 mA. Ambient temperature Temperature coefficient (%/K) KTY81/150 ( °C) ( °F) Resistance ( Ω) Temperature error (K) Min Typ Max −55 −67 0.99 456 490 524 ±7.04 −50 −58 0.98 479 515 550 ±6.99 −40 −40 0.96 530 567 605 ±6.91 −30 −22 0.93 584 624 663 ±6.84 −20 −4 0.91 642 684 725 ±6.77 −10 14 0.88 703 747 791 ±6.69 0 32 0.85 769 815 861 ±6.61 10 50 0.83 838 886 934 ±6.51 20 68 0.80 912 961 1010 ±6.41 25 77 0.79 950 1000 1050 ±6.35 30 86 0.78 987 1040 1093 ±6.55 40 104 0.75 1064 1122 1181 ±6.97 50 122 0.73 1143 1209 1274 ±7.4 60 140 0.71 1226 1299 1371 ±7.85 70 158 0.69 1313 1392 1472 ±8.31 80 176 0.67 1402 1490 1577 ±8.79 90 194 0.65 1495 1591 1687 ±9.29 100 212 0.63 1591 1696 1801 ±9.81 110 230 0.61 1690 1805 1919 ±10.4 120 248 0.58 1791 1915 2039 ±11.28 125 257 0.55 1840 1970 2099 ±11.91 130 266 0.52 1889 2023 2158 ±12.72 140 284 0.45 1980 2124 2269 ±15.21 150 302 0.35 2057 2211 2365 ±20.09 |