| Moteur de recherche de fiches techniques de composants électroniques |
|
LM211P Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM211P Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 28 page ![]() LM111, LM211, LM311 DIFFERENTIAL COMPARATORS WITH STROBES SLCS007H − SEPTEMBER 1973 − REVISED AUGUST 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematic All resistor values shown are nominal. BAL/STRB BALANCE IN+ IN− 450 Ω 450 Ω 2.4 k Ω 1.2 k Ω 70 Ω 2.4 k Ω 1.2 k Ω 60 Ω 400 Ω 450 Ω 2 k Ω 200 Ω 250 Ω 600 Ω 130 Ω 4 Ω 4 k Ω VCC+ VCC− EMIT OUT COL OUT 750 Ω 600 Ω Component Count Resistors 20 Diodes 2 EPI FET 1 Transistors 22 |