Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP4085CX4/LF Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce IP4085CX4/LF
Description  Integrated high-performance ESD-protection diodes to IEC61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4085CX4/LF Fiches technique(HTML) 2 Page - NXP Semiconductors

  IP4085CX4/LF Datasheet HTML 1Page - NXP Semiconductors IP4085CX4/LF Datasheet HTML 2Page - NXP Semiconductors IP4085CX4/LF Datasheet HTML 3Page - NXP Semiconductors IP4085CX4/LF Datasheet HTML 4Page - NXP Semiconductors IP4085CX4/LF Datasheet HTML 5Page - NXP Semiconductors IP4085CX4/LF Datasheet HTML 6Page - NXP Semiconductors IP4085CX4/LF Datasheet HTML 7Page - NXP Semiconductors IP4085CX4/LF Datasheet HTML 8Page - NXP Semiconductors IP4085CX4/LF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IP4085_4385_4386_4387_CX4_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 26 March 2009
2 of 16
NXP Semiconductors
IP4085/4385/4386/4387/CX4
Integrated high-performance ESD-protection diodes
2.
Pinning information
3.
Ordering information
4.
Functional diagram
Fig 1.
Pin configuration IP4085CX4; IP4385CX4; IP4386CX4; IP4387CX4
Table 1.
Pinning
Pin
Description
A1 and A2
diode cathode
B1 and B2
diode anode
001aaj238
IP4085CX4
IP438xCX4
Transparent top view
B
A
2
1
ball A1
index area
Table 2.
Ordering information
Type number
Package
Name
Description
Version
IP4085CX4/LF
WLCSP4
wafer level chip-size package: 4 bumps; 0.91
× 0.91 × 0.65 mm
IP4085CX4/LF
IP4385CX4/LF
WLCSP4
wafer level chip-size package: 4 bumps; 0.76
× 0.76 × 0.61 mm
IP438xCX4/LF
IP4386CX4/LF
WLCSP4
wafer level chip-size package: 4 bumps; 0.76
× 0.76 × 0.61 mm
IP438xCX4/LF
IP4387CX4/LF
WLCSP4
wafer level chip-size package: 4 bumps; 0.76
× 0.76 × 0.61 mm
IP438xCX4/LF
Fig 2.
Schematic diagram IP4085CX4; IP4385CX4; IP4386CX4; IP4387CX4
001aaj239
A1
B1
A2
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16