Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP4085CX4 Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce IP4085CX4
Description  Integrated high-performance ESD-protection diodes to IEC61000-4-2, level 4
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4085CX4 Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button IP4085CX4 Datasheet HTML 8Page - NXP Semiconductors IP4085CX4 Datasheet HTML 9Page - NXP Semiconductors IP4085CX4 Datasheet HTML 10Page - NXP Semiconductors IP4085CX4 Datasheet HTML 11Page - NXP Semiconductors IP4085CX4 Datasheet HTML 12Page - NXP Semiconductors IP4085CX4 Datasheet HTML 13Page - NXP Semiconductors IP4085CX4 Datasheet HTML 14Page - NXP Semiconductors IP4085CX4 Datasheet HTML 15Page - NXP Semiconductors IP4085CX4 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
IP4085_4385_4386_4387_CX4_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 26 March 2009
12 of 16
NXP Semiconductors
IP4085/4385/4386/4387/CX4
Integrated high-performance ESD-protection diodes
Fig 21. Package outline IP438xCX4/LF (WLCSP4)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
IP438xCX4/LF
ip438xcx4_lf_po
08-12-04
Unit
mm
max
nom
min
0.66
0.61
0.56
0.22
0.20
0.18
0.81
0.76
0.71
0.81
0.76
0.71
0.4
0.005
A
Dimensions
WLCSP4: wafer level chip-size package; 4 bumps; 0.76 x 0.76 x 0.61 mm
IP438xCX4/LF
A1
b
0.31
0.26
0.21
DE
e
v
y
0.02
0
0.25
0.5 mm
scale
ball A1
index area
B
A
D
E
C
y
X
detail X
A
A1
b
2
1
A
e
e
A
C
B
∅ v
ball A1
index area
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com