| Moteur de recherche de fiches techniques de composants électroniques |
|
GTL2010BS Fiches technique(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
GTL2010BS Fiches technique(HTML) 17 Page - NXP Semiconductors |
|
17 / 20 page ![]() GTL2010_6 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 06 — 3 March 2008 17 of 20 NXP Semiconductors GTL2010 10-bit bidirectional low voltage translator For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 16. Abbreviations MSL: Moisture Sensitivity Level Fig 13. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 15. Abbreviations Acronym Description CDM Charged Device Model CMOS Complementary Metal Oxide Semiconductor DUT Device Under Test ESD ElectroStatic Discharge GTL Gunning Transceiver Logic HBM Human Body Model I2C-bus Inter IC bus LVTTL Low Voltage Transistor-Transistor Logic MM Machine Model NMOS Negative-channel Metal Oxide Semiconductor TTL Transistor-Transistor Logic TVC Transceiver Voltage Clamps |