Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC10F222E/P Fiches technique(PDF) 76 Page - Microchip Technology

No de pièce PIC10F222E/P
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222E/P Fiches technique(HTML) 76 Page - Microchip Technology

Back Button PIC10F222E/P Datasheet HTML 72Page - Microchip Technology PIC10F222E/P Datasheet HTML 73Page - Microchip Technology PIC10F222E/P Datasheet HTML 74Page - Microchip Technology PIC10F222E/P Datasheet HTML 75Page - Microchip Technology PIC10F222E/P Datasheet HTML 76Page - Microchip Technology PIC10F222E/P Datasheet HTML 77Page - Microchip Technology PIC10F222E/P Datasheet HTML 78Page - Microchip Technology PIC10F222E/P Datasheet HTML 79Page - Microchip Technology PIC10F222E/P Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
PIC10F220/222
DS41270E-page 74
© 2007 Microchip Technology Inc.
TABLE 13-1:
8-LEAD 2x3 DFN (MC) TOP
MARKING
TABLE 13-2:
6-LEAD SOT-23 (OT)
PACKAGE TOP MARKING
Part Number
Marking
PIC10F220-I/MC
BJ0
PIC10F220-E/MC
BK0
PIC10F222-I/MC
BL0
PIC10F222-E/MC
BM0
Part Number
Marking
PIC10F220-I/OT
20NN
PIC10F220-E/OT
A0NN
PIC10F222-I/OT
22NN
PIC10F222-E/OT
A2NN
Note:
NN
represents
the
alphanumeric
traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86