| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP4801-E/P Fiches technique(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4801-E/P Fiches technique(HTML) 22 Page - Microchip Technology |
|
22 / 48 page ![]() MCP4801/4811/4821 DS22244B-page 22 2010 Microchip Technology Inc. REGISTER 5-1: WRITE COMMAND REGISTER FOR MCP4821 (12-BIT DAC) REGISTER 5-2: WRITE COMMAND REGISTER FOR MCP4811 (10-BIT DAC) REGISTER 5-3: WRITE COMMAND REGISTER FOR MCP4801 (8-BIT DAC) Where: W-x W-x W-x W-0 W-x W-x W-x W-x W-x W-x W-x W-x W-x W-x W-x W-x 0— GA SHDN D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 bit 15 bit 0 W-x W-x W-x W-0 W-x W-x W-x W-x W-x W-x W-x W-x W-x W-x W-x W-x 0— GA SHDN D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 x x bit 15 bit 0 W-x W-x W-x W-0 W-x W-x W-x W-x W-x W-x W-x W-x W-x W-x W-x W-x 0— GA SHDN D7 D6 D5 D4 D3 D2 D1 D0 x xx x bit 15 bit 0 bit 15 (1) 0 = Write to DAC register 1 = Ignore this command bit 14 — Don’t Care bit 13 GA: Output Gain Selection bit 1 =1x (VOUT = VREF * D/4096) 0 =2x (VOUT = 2 * VREF * D/4096), where internal VREF = 2.048V. bit 12 SHDN: Output Shutdown Control bit 1 = Active mode operation. VOUT is available. 0 = Shutdown the device. Analog output is not available. VOUT pin is connected to 500 ktypical) bit 11-0 D11:D0: DAC Input Data bits. Bit x is ignored. Note 1: This bit must be ‘0’. The device ignores the write command if this MSB bit is not ‘0’. Legend R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR 1 = bit is set 0 = bit is cleared x = bit is unknown |