| Moteur de recherche de fiches techniques de composants électroniques |
|
10220-R21TFB Fiches technique(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
10220-R21TFB Fiches technique(HTML) 1 Page - 3M Electronics |
|
1 / 6 page ![]() 3 Electronic Solutions Division Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373 3M™ Mini D Ribbon (MDR) Connectors .050” Boardmount Compliant Pin Vertical Receptacle - Shielded 102 Series Wiper-on-wiper contact for reliable repetitive plugging • Rugged die cast metal case construction • Contacts: 14, 20, 26, 36, 40, 50, 68 and 80 • See Regulatory Information Appendix (RIA) for chemical • compliance information. Date Modified: November 13, 2008 TS-0961-C Sheet 1 of 3 Physical Insulation Material: Glass Reinforced Polyester (PBT) Flammability: UL 94V-0 Color: Black Contact Material: Copper Alloy Plating Underplating: 80 μ” [ 2.0 μm ] Nickel Wiping Area: See Ordering Information Compliant Tails: See Ordering Information Body Material: Zinc Alloy Plating: Nickel Shroud & Latch Hook Material: Steel Plating: Nickel Marking: 3M Logo and Part Number Electrical Current Rating: 1 A Insulation Resistance: > 5 × 108 Ω at 500V DC Withstanding Voltage: 500 VRMS for 1 Minute Environmental Temperature Rating: -20°C to +85°C UL File No.: E68080 |
Numéro de pièce similaire - 10220-R21TFB |
|
Description similaire - 10220-R21TFB |