| Moteur de recherche de fiches techniques de composants électroniques |
|
SWR200C Fiches technique(PDF) 3 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
SWR200C Fiches technique(HTML) 3 Page - Cirrus Logic |
|
3 / 5 page ![]() SWR200 SWR200DS 3 P r o d u c t I n n o v a t i o n F r o m NOTES: * Same as C Models. 1. Using the box method, the specified value is the maximum deviation from the output voltage at +25°C over the specified operating temperature range. 2. The specified values are unloaded. 3. Pin 8 is internally connected to Pin 7 and can be used as Ref. GND. 4. The frequency range can be extended to any desired lower value by using 2 external AGC capacitors (see AN-3). 5. The increase in distrotion at lower frequencies can be eliminated by using external AGC capacitors (see AN-3). 2. TYPICAL PERFORMANCE GRAPHS Temperature oC SWR200C VOUT vs. TEMPERATURE VOUT vs. TEMPERATURE % ∆ FREQ. vs. TEMP. Temperature oC SWR200M Temperature oC SWR200C Temperature oC SWR200M DISTORTION VS. TEMP Temperature oC DISTORTION vs. FREQUENCY Frequency (Hz) NORMALIZED DISTORTION vs. C2/C1 C2/C1 POWER SUPPLY CURRENT vs. TEMP. Temperature oC CASE TEMP. RISE ABOVE AMBIENT vs. OUTPUT CURRENT Output Current (mA) JUNCTION TEMP. RISE ABOVE CASE TEMP. vs OUTPUT CURRENT Output Current (mA) % ∆ FREQ. vs. TEMP. 0 -20 15.6 20 -15.6 -50 50 35 0 -35 |