Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SWR200 Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce SWR200
Description  Precision Sine Wave Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SWR200 Fiches technique(HTML) 4 Page - Cirrus Logic

  SWR200_10 Datasheet HTML 1Page - Cirrus Logic SWR200_10 Datasheet HTML 2Page - Cirrus Logic SWR200_10 Datasheet HTML 3Page - Cirrus Logic SWR200_10 Datasheet HTML 4Page - Cirrus Logic SWR200_10 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SWR200
4
SWR200DS
P r o d u c t I n n o v a t i o n F r o m
3. THEORY OF OPERATION
The following refers to the schematic in Figure 1. A1 and A2 are connected as a phase-shift oscillator circuit with
the frequency set by the external capacitors C1 and C2. Q4 is included in the feedback loop of A1 as a gain control
element.
The oscillator output is fed to the chopper amplifier which develops an absolute value representation of the oscillator
output. The chopper output is compared to a precision DC reference in integrator amplifier A3. This DC error signal
is used ot control the gain setting FET Q4.
As in all precision zener based DC references, the drift of the zener becomes nonlinear at temperature extremes.
The chopper amplifier drift characteristic is complementary to this nonlinearity and compensates for the reference
drift.
4. APPLICATION INFORMATION
Figure 1 shows the connections for the SWR200 including the two frequency setting capacitors. The frequency is:
f =
10-5
C
1 C2
The frequency stability is directly related to the stability of the capacitors, therefore stable capacitors like NPO ce-
ramic, or polycarbonate or polystyrene film should be used.
Two separate ground pins are provided for accurate ground sensing. This minimizes errors due to drops in the
ground pin which can become a significant source of error in sockets.
The offset of the SWR200 is fully specified for initial offset and drift and is low enough that it can normally be ne-
glected. In applications which are especially sensitive to offset the output can be AC coupled. Proper capacitor siz-
ing and high impedance sensing will minimize errors due to capacitive coupling.
EXTERNAL CONNECTIONS
PIN CONFIGURATION
TOP VIEW
SWR200
NC
NC
OUTPUT
GND SENSE
GND
NC
NC
NC
C1
C1
-PS
C2
+PS
C2



Html Pages

1 2 3 4 5