Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD85004 Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce PD85004
Description  RF power transistor the LdmoST plastic family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD85004 Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button PD85004 Datasheet HTML 10Page - STMicroelectronics PD85004 Datasheet HTML 11Page - STMicroelectronics PD85004 Datasheet HTML 12Page - STMicroelectronics PD85004 Datasheet HTML 13Page - STMicroelectronics PD85004 Datasheet HTML 14Page - STMicroelectronics PD85004 Datasheet HTML 15Page - STMicroelectronics PD85004 Datasheet HTML 16Page - STMicroelectronics PD85004 Datasheet HTML 17Page - STMicroelectronics PD85004 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
PD85004
Package mechanical data
15/18
8.2
Soldering profile
Figure 17 shows the recommeded solder for devices that have Pb-free terminal plating and
where a Pb-free solder is used.
Figure 17.
Recommended solder profile
Figure 18 shows the recommeded solder for devices with Pb-free terminal plating used with
leaded solder, or for devices with leaded terminal plating used with a leaded solder.
Figure 18.
Recommended solder profile for leaded devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18