Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL084MFKB Fiches technique(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL084MFKB
Description  JEET-INPUT OPERTIONAL AMPLIFERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL084MFKB Fiches technique(HTML) 25 Page - Texas Instruments

Back Button TL084MFKB Datasheet HTML 21Page - Texas Instruments TL084MFKB Datasheet HTML 22Page - Texas Instruments TL084MFKB Datasheet HTML 23Page - Texas Instruments TL084MFKB Datasheet HTML 24Page - Texas Instruments TL084MFKB Datasheet HTML 25Page - Texas Instruments TL084MFKB Datasheet HTML 26Page - Texas Instruments TL084MFKB Datasheet HTML 27Page - Texas Instruments TL084MFKB Datasheet HTML 28Page - Texas Instruments TL084MFKB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL084ACNSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
TL084BCDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TL084CDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TL084CNSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
TL084CPWR
TSSOP
PW
14
2000
330.0
12.4
7.0
5.6
1.6
8.0
12.0
Q1
TL084IDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL081ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL081BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL081CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL081CPSR
SO
PS
8
2000
346.0
346.0
33.0
TL081IDR
SOIC
D
8
2500
340.5
338.1
20.6
TL082ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL082ACDR
SOIC
D
8
2500
346.0
346.0
29.0
TL082ACPSR
SO
PS
8
2000
346.0
346.0
33.0
TL082BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL082CDR
SOIC
D
8
2500
346.0
346.0
29.0
TL082CDR
SOIC
D
8
2500
340.5
338.1
20.6
PACKAGE MATERIALS INFORMATION
www.ti.com
19-Mar-2008
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37