Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZRT050GC2 Fiches technique(PDF) 4 Page - Zetex Semiconductors

No de pièce ZRT050GC2
Description  5.0V LOW POWER PRECISION REFERENCE SOURCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRT050GC2 Fiches technique(HTML) 4 Page - Zetex Semiconductors

  ZRT050GC2 Datasheet HTML 1Page - Zetex Semiconductors ZRT050GC2 Datasheet HTML 2Page - Zetex Semiconductors ZRT050GC2 Datasheet HTML 3Page - Zetex Semiconductors ZRT050GC2 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SO8
Package Suffix – N8
Top View
TO18
Package Suffix – None
Bottom View –
Case is internally connected to pin 3
SOT223
Package Suffix – G
Top View
Pin 4 floating or connected to pin 2
CONNECTION DIAGRAMS
Part No
Tol% Operating
Temp.(°C)
Package
Partmark
ZRT050C2
2
0 to 70
TO18
ZRT050C2
ZRT050C1
1
0 to 70
TO18
ZRT050C1
ZRT050A1
1
-55 to 125
TO18
ZRT050A1
ZRT050GC2
2
0 to 70
SOT223
ZRT050C2
ZRT050GC1
1
0 to 70
SOT223
ZRT050C1
ZRT050GA1
1
-55 to 125
SOT223
ZRT050A1
ZRT050N8C2
2
0 to 70
SO8
ZRT050C2
ZRT050N8C1
1
0 to 70
SO8
ZRT050C1
ZRT050N8A1
1
-55 to 125
SO8
ZRT050A1
ORDERING INFORMATION
ZRT050
4-290



Html Pages

1 2 3 4