Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR130LSFT1G Fiches technique(PDF) 13 Page - Analog Devices

No de pièce MBR130LSFT1G
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

MBR130LSFT1G Fiches technique(HTML) 13 Page - Analog Devices

Back Button MBR130LSFT1G Datasheet HTML 9Page - Analog Devices MBR130LSFT1G Datasheet HTML 10Page - Analog Devices MBR130LSFT1G Datasheet HTML 11Page - Analog Devices MBR130LSFT1G Datasheet HTML 12Page - Analog Devices MBR130LSFT1G Datasheet HTML 13Page - Analog Devices MBR130LSFT1G Datasheet HTML 14Page - Analog Devices MBR130LSFT1G Datasheet HTML 15Page - Analog Devices MBR130LSFT1G Datasheet HTML 16Page - Analog Devices MBR130LSFT1G Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
xiii
Preface
The product software installation is detailed in the VisualDSP++ Installa-
tion Quick Reference Card.
Intended Audience
The primary audience for this manual is a programmer who is familiar
with Analog Devices processors. This manual assumes that the audience
has a working knowledge of the appropriate processor architecture and
instruction set. Programmers who are unfamiliar with Analog Devices
processors can use this manual but should supplement it with other texts
(such as the ADSP-BF50x Blackfin Processor Hardware Reference and
Blackfin Processor Instruction Set Reference) that describe your target
architecture.
Programmers who are unfamiliar with VisualDSP++ should refer to the
VisualDSP++ online Help and user’s or getting started guides. For the
locations of these documents, see “Related Documents”.
Manual Contents
The manual consists of:
• Chapter 1, “Using ADSP-BF506F EZ-KIT Lite” on page 1-1.
Describes EZ-KIT Lite functionality from a programmer’s perspec-
tive and provides an easy-to-access memory map.
• Chapter 2, “ADSP-BF506F EZ-KIT Lite Hardware Reference” on
page 2-1.
Provides information on the EZ-KIT Lite hardware components.
• Appendix A, “ADSP-BF506F EZ-KIT Lite Bill Of Materials” on
page A-1.
Provides a list of components used to manufacture the EZ-KIT
Lite board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75